Part Number Hot Search : 
M471B527 MC14067B 2SA2012 C1002 VT83205Q RH2D1 LPC903F PSD934F2
Product Description
Full Text Search
 

To Download 9015G-X-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 9015 preliminary pnp epitaxial silicon transistor www.unisonic.com.tw 1 of 2 copyright ? 2011 unisonic technologies co., ltd qw-r201-032,ca pre-amplifier, low level & low noise ? features * high total power dissipation. (450mw) * excellent hfe linearity. * complementary to utc 9014 ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing 9015l-x-t92-b 9015G-X-T92-B to-92 e b c tape box 9015l-x-t92-k 9015g-x-t92-k to-92 e b c bulk 9015l-x-t92-r 9015g-x-t92-r to-92 e b c tape reel note: pin assignment: e: emitter b: base c: collector 9015l -x -t92 -b (1)packing type (2)package type (1) b: tape box, t: tape reel, r: tape reel (2) t92: to-92 (4) g:halogen free, l: lead free (4)halogen free (3)rank (3) x: refer to classification of h fe
9015 preliminary pnp epitaxial silicon transistor unisonic technologies co., ltd 2 of 2 www.unisonic.com.tw qw-r201-032,ca ? absolute maximum ratings ( ta=25 c, unless otherwise specified ) parameter symbol ratings unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -45 v emitter-base voltage v ebo -5 v collector current i c -100 ma collector dissipation p c 450 mw junction temperature t j +150 c storage temperature t stg -55~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta=25 c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c = -100 a, i e = 0 -50 v collector-emitter breakdown voltage bv ceo i c = -1ma, i b = 0 -45 v emitter-base breakdown voltage bv ebo i e = -100 a, i c = 0 -5 v collector-emitter satu ration voltage v ce(sat) i c = -100ma, i b = -5ma -0.2 -0.7 v base-emitter satura tion voltage v be(sat) i c = -100ma, i b = -5ma -0.82 -1.0 v base-emitter on voltage v be(on) v ce = -5v, i c = -2ma -0.6 -0.65 -0.75 v collector cutoff current i cbo v cb = -50v, i e =0 -50 na emitter cutoff current i ebo v eb = -5v, i c =0 -100 na dc current gain h fe v ce =-5v, i c = -1ma 60 200 600 output capacitance c ob v cb = -10v, i e =0, f =1mhz 4.5 7.0 pf current gain-bandwidth product f t v ce = -5v, i c = -10ma 100 190 mhz noise figure nf v ce = -5v, i c = -0.2ma f = 1khz, rs = 1k 0.7 10 db ? classification of h fe rank a b c range 60-150 100-300 200-600 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 9015G-X-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X